Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 100Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 101Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 102Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 103Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 104Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 105Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 106Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 107Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 186 page
background image
ST10F280
104/186
12.12.2 - New Disturb Protection on Analog Inputs
A new register is provided for additional disturb protection support on analog inputs for Port XP10:
XP10DIDIS (C382h)
Reset Value: 0000h
15
14
13
12
11
10
9876543210
XP10
DIDIS
.15
XP10
DIDIS
.14
XP10
DIDIS
.13
XP10
DIDIS
.12
XP10
DIDIS
.11
XP10
DIDIS
.10
XP10
DIDIS.9
XP10
DIDIS.8
XP10
DIDIS.7
XP10
DIDIS.6
XP10
DIDIS.5
XP10
DIDIS.4
XP10
DIDIS.3
XP10
DIDIS.2
XP10
DIDIS.1
XP10
DIDIS.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
XP10DIDIS.y
0
1
XPort 10 Digital Disable register bit y
Port line XP10.y digital input is enabled (Schmitt trigger enabled)
Port line XP10.y digital input is disabled (Schmitt trigger disabled, necessary for input leakage
current reduction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com