Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 103Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 104Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 105Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 106Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 107Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 108Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 109Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 110Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 186 page
background image
ST10F280
107/186
13.3 - XTIMER Peripheral (trigger for ADC
channel injection)
This new peripheral is dedicated for the Channel
Injection Mode of the A/D converter. This mode
injects a channel into a running sequence without
disturbing this sequence. The peripheral event
controller stores the conversion results in memory
without entering and exiting interrupt routines for
each data transfer.
A channel injection can be triggered by an event
on Capture/Compare CC31 (Port P7.7) of the
CAPCOM2 unit.
The dedicated output XADCINJ of the XTIMER
must be connected externally on the input P7.7/
CC31.
Due to the multiplexed inputs, at a time, the ADC
exclusively converts the Port5 inputs or the
XPort10 inputs. If one "y" channel has to be used
continuously in injection mode, it must be exter-
nally hardware connected to the Port5.y and
XPort10.y inputs.
The XTIMER peripheral is enabled by setting
XPEN bit 2 of the SYSCON register and bit 3 of
the new XPERCON register.
13.3.1 - Main Features
The XTIMER features are :
– 16 bits linear timer / 4 bits exponential prescaler
– Counting between 16 bits “start value” and 16
bits “end value”
– Counting period between 4 cycles and 2**33 cy-
cles (100 ns and 214s using 40MHz CPU clock)
– 1 trigger ouput (XADCINJ)
– Programmable functions :
• Internal clock XCLK is derivated from the CPU
clock and has the same period
• Up counting / down counting
• Reload enable
• Continue / stop modes
– 4 memory mapped registers :
• Control / prescaler
• Start value
• End value
• Current value
Table 22 : The Different Counting Modes
TLE
TCS
TCVR(n) = TEVR
TUD
TEN
TCVR(n+1)
comments
x
x
x
x
0
TCVR(n)
Timer disable
x
0
1
x
1
Stop
x
x
0
0
TCVR(n)-1
Decrement
0
1
1
Decrement (Continue)
x
x
0
1
TCVR(n)+1
Increment
0
1
1
Increment (Continue)
1
1
1
x
TSVR
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com