Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 106Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 107Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 108Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 109Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 110Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 111Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 112Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 113Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 186 page
background image
ST10F280
110/186
13.3.3 - Block Diagram
13.3.3.1 - Clocks
The XTCVR register clock is the prescaler output.
The prescaler allows to divide the basic register
frequency in order to offer a wide range of count-
ing period, from 2**2 to 2**33 cycles (note that 1
cycle = 1 XCLK periods).
13.3.3.2 - Registers
The XTCVR register input is linked to several
sources:
– XTSVR register (start value) for reload when the
period is finished, or for load when the timer is
starting.
– Incrementer output when the ’up’ mode is selected,
– Decrementer output when the ’down’ mode is
selected.
– The selection between the sources is made
through the XTCR control register.
When starting the timer, by setting TEN bit of TCR
to ’1’, XTCVR will be loaded with XTSVR value on
the first rising edge of the counting clock. That’s to
say that for counting from 0000h to 0009h for
example, 10 counting clock rising edges are
required.
The XTCVR register output is continuously com-
pared to the XTEVR register to detect the end of
the counting period. When the registers are equal,
several actions are made depending on the XTCR
control register content :
– The output XADCINJ is conditionally generated,
– XTCVR is loaded with XTSVR or stops or contin-
ues to count (see Table 22).
XTEVR, XTSVR and all TCR bits except TEN
must not be modified while the timer is counting,
ie while TEN bit of TCR = ’1’. The timer behaviour
is not guaranteed if this rule is not respected. It
implies that the timer can be configured only when
stopped (TEN = ’0’). When programming the
timer, XTEVR, XTSVR and XTCR bits except TEN
can be modified, with TEN = ’0’; then the timer is
started by modifying only TEN bit of TCR. To stop
the timer, only TEN bit should be modified, from ’1’
to ’0’.
Figure 53 : XTIMER Block Diagram
XTCR
XTSVR
XTCVR
Prescaling
XTEVR
ctl
ctl
=
ctl
ctl
diff
XCLK
- 1
+ 1
Timer output
DATA
(XADCINJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com