Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 143Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 144Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 145Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 146Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 147Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 148Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 149Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 150Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 186 page
background image
ST10F280
147/186
XPOLAR
EC04h
XPWM Channel Polarity Control Register
0000h
XPP0
EC20h
XPWM Period Register 0
0000h
XPP1
EC22h
XPWM Period Register 1
0000h
XPP2
EC24H
XPWM Period Register 2
0000h
XPP3
EC26h
XPWM Period Register 3
0000h
XPT0
EC10h
XPWM Timer Counter Register 0
0000h
XPT1
EC12h
XPWM Timer Counter Register 1
0000h
XPT2
EC14h
XPWM Timer Counter Register 2
0000h
XPT3
EC16h
XPWM Timer Counter Register 3
0000h
XPW0
EC30h
XPWM Pulse Width Register 0
0000h
XPW1
EC32h
XPWM Pulse Width Register 1
0000h
XPW2
EC34h
XPWM Pulse Width Register 2
0000h
XPW3
EC36h
XPWM Pulse Width Register 3
0000h
XPWMCON0
EC00h
XPWM Control Register 0
0000h
XPWMCON1
EC02h
XPWM Control Register 1
0000h
XTCR
C000h
Xtimer Control Register (Read / Write)
0000h
XTCVR
C006h
Xtimer Current Value Register (Read / Write)
0000h
XTEVR
C004h
Xtimer End Value Register (Read / Write)
0000h
XTSVR
C002h
Xtimer Start Value Register (Read / Write)
0000h
Name
Physical
address
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com