Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280-JT3 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 151Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 152Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 153Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 154Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 155Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 156Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 157Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 158Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 186 page
background image
ST10F280
155/186
20 - ELECTRICAL CHARACTERISTICS
20.1 - Absolute Maximum Ratings
Note: 1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
During overload conditions (VIN > VDD or VIN < VSS) the voltage on pins with respect to ground (VSS) must not exceed the values
defined by the Absolute Maximum Ratings.
20.2 - Parameter Interpretation
The parameters listed in the following tables represent the characteristics of the ST10F280 and its
demands on the system. Where the ST10F280 logic provides signals with their respective timing
characteristics, the symbol “CC” for Controller Characteristics, is included in the “Symbol” column.
Where the external system must provide signals with their respective timing characteristics to the
ST10F280, the symbol “SR” for System Requirement, is included in the “Symbol” column.
20.3 - DC Characteristics
VDD = 5V ± 10%, VSS = 0V, fCPU = 40MHz, Reset active, TA = -40 to +125°C
Symbol
Parameter
Value
Unit
VDD
Voltage on VDD pins with respect to ground
1
-0.5, +6.5
V
VIO
Voltage on any pin with respect to ground1
-0.5, (VDD +0.5)
V
VAREF
Voltage on VAREF pin with respect to ground
1
-0.3, (VDD +0.3)
V
IOV
Input Current on any pin during overload condition1
-10, +10
mA
ITOV
Absolute Sum of all input currents during overload condition1
|100 mA|
mA
Ptot
Power Dissipation1
1.5
W
TA
Ambient Temperature under bias
-40, +125
°C
Tstg
Storage Temperature1
-65, +150
°C
Symbol
Parameter
Test
Conditions
Min.
Max.
Unit
VIL
SR Input low voltage
–
-0.5
0.2 VDD - 0.1
V
VILS
SR Input low voltage (special threshold)
–
-0.5
2.0
V
VIH
SR
Input high voltage
(all except RSTIN and XTAL1)
–
0.2 VDD +
0.9
VDD + 0.5
V
VIH1
SR Input high voltage RSTIN
–
0.6 VDD
VDD + 0.5
V
VIH2
SR Input high voltage XTAL1
–
0.7 VDD
VDD + 0.5
V
VIHS
SR Input high voltage (special threshold)
–
0.8 VDD - 0.2
VDD + 0.5
V
HYS
Input Hysteresis (special threshold)
3
–
400
–
mV
VOL
CC Output low voltage (PORT0, PORT1, Port 4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)
1
IOL = 2.4mA
–
0.45
V
VOL1
CC Output low voltage (all other outputs)
1
IOL1 = 1.6mA
–
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com