Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 3Page - STMicroelectronics ST75C530 Datasheet HTML 4Page - STMicroelectronics ST75C530 Datasheet HTML 5Page - STMicroelectronics ST75C530 Datasheet HTML 6Page - STMicroelectronics ST75C530 Datasheet HTML 7Page - STMicroelectronics ST75C530 Datasheet HTML 8Page - STMicroelectronics ST75C530 Datasheet HTML 9Page - STMicroelectronics ST75C530 Datasheet HTML 10Page - STMicroelectronics ST75C530 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
II.5 - Miscellaneous
Pin Name
Type
Description
EYEX
O
Constellation X analog coordinate
EYEY
O
Constellation Y analog coordinate
XTAL
O
Internal Oscillator Output. Left open if not used.
EXTAL
I
Internal Oscillator Input, or External Clock Input.
XPLL
I
Reserved for future use, must be connected to digital ground.
CLKOUT
O
Output Clock, EXTAL/2 (not available in low power mode).
TEST0
I
Test pin for normal operation, must be connected to digital ground.
Note : The nominal frequency of the crystal oscillator is 44.2368MHz with a precision better than
± 100ppm.
II.6 - Power Supply
Symbol
Nber
Parameter
DVDD
6
Digital +5V.
DGND
6
Digital Ground.
AVDD
2
Analog +5V.
AGND
3
Analog Ground.
II - PIN DESCRIPTION (continued)
ST75C530 - ST75C540
7/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com