Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 21Page - STMicroelectronics ST75C530 Datasheet HTML 22Page - STMicroelectronics ST75C530 Datasheet HTML 23Page - STMicroelectronics ST75C530 Datasheet HTML 24Page - STMicroelectronics ST75C530 Datasheet HTML 25Page - STMicroelectronics ST75C530 Datasheet HTML 26Page - STMicroelectronics ST75C530 Datasheet HTML 27Page - STMicroelectronics ST75C530 Datasheet HTML 28Page - STMicroelectronics ST75C530 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
VI.2 - Command Set
The Command Set has the following attractive
features :
- user friendly with easy to remember mnemonics,
- possibility of straightforward expansion with new
commands to suit specific customer require-
ments,
- easy upgrade of existing software using previous
modem based SGS-THOMSON products.
The command set has been designedto providethe
necessaryfunctional control on the ST75C530/540.
Each command is classified according to its syntax
and the presence/absence of parameters. In the
case of a parametric command, parameters must
first be written into the dual port RAM before the
command is issued. Acknowledge and error report
is issued for each command entered.
VI.2.1 - Command Set Summary
VI.2.1.1 - Operational Control Commands
INIT
Initialize. Initialize the modem engine.
Set all parameters to their default values
and wait for commands of the control
processor. Non parametric command.
IDT
Identify. Return the product identification
code. Non parametric command.
SLEEP
Tu r n
to l ow
power mode, t he
ST75C530/540 enters the low power
mode and stops its crystal oscillator to
reduce power consumption. In this mode
all the clocks are stopped and the dual
RAM is unreachable.
HSHK
Handshake. Begins th e handshake
sequence. The modem engine generates
all the sequences defined in the ITU-T
recommendations. A status report
indicatesto the controlprocessorthe state
of the handshake. This command only
applies to modes where a handshake
sequence is defined. A CONF command
must have been issued prior to the use of
HSHK. Non parametric command.
STOP
FAX Sto p. Sto p FAX Hal f-dupl ex
transmitter. Non parametric command.
RTRA
Retrain. Begin a retrain sequence in
V.32bis/V.32 or V.22bis modes as
des cr ibed
i n
t h e
I TU- T
recommendations (ST75C540 only).
SYNC
FAX Synchronize. Start/Stopof FAXHalf-
duplex receiver. Parametric command.
CSE
ClearStatusError.SelectivelyclearstheError
statusbyteSYSERR.Parametric command.
SETGN Set Gain. This command sets the global
gain factor, which is used for the transmit
samples. Parametric command.
VI.2.1.2 - Data Communication Commands
XMIT
Tr ans mi t
D ata.
St ar t /st op
th e
transmission of data. After a XMIT
command, the ST75C530/540sends the
data contained in its dual port RAM.
FORM
Selects the Transmission Format. This
command configures the data interface
for bo th re ceive r and tra nsmi tter
according to the selected data format.
Parametric command (HDLC, UART or
synchronous).
VI.2.1.3 - Memory Handling Commands
MWI
MWLO
MW
Memory Write Indirect
Memory Write Low Word
Memory Write. This command is used to
write an arbitrary 16-bit value into the
writable memory location currently
specified by a parameter. Parametric
command.
MRI
MRLO
MR
Memory Read Indirect
Memory Read Low Word
Memory Read. This command allows the
controller to read any of the ERAM or
C RO M ( S T75C 530/5 40 memo ry
spaces) location without interrupting the
processor. Parametric command.
CR
Complex Read. This command allows
the controller to read at the same time
the real and imaginary part of a complex
valuestored ina double ERAM or
CROM location. This featu re is very
interesting for eye pattern software
control and for equalization monitoring.
This command insures that the real and
imaginary pa rts are sampled in the
memory at the same time (integrity).
Parametric command.
VI - USER INTERFACE (continued)
ST75C530 - ST75C540
25/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com