Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 4Page - STMicroelectronics ST75C530 Datasheet HTML 5Page - STMicroelectronics ST75C530 Datasheet HTML 6Page - STMicroelectronics ST75C530 Datasheet HTML 7Page - STMicroelectronics ST75C530 Datasheet HTML 8Page - STMicroelectronics ST75C530 Datasheet HTML 9Page - STMicroelectronics ST75C530 Datasheet HTML 10Page - STMicroelectronics ST75C530 Datasheet HTML 11Page - STMicroelectronics ST75C530 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
15
ADC
MUTE
DAC
Line
HYBRID
TXA1
TXA2
RXA
ADC
14
11
10 MIC3
8
MIC1
9
MIC2
79
SPK2
78
MUTE
77
SPK3
76
MUTE
2
SPK1
1
MUTE
[0..-30]dB
Step 3dB
DAC
ST75C530/540
III - BLOCK DIAGRAMS
III.1 - Analog Interface
III.2 - Internal Block Diagram
DUAL
PORT RAM
GIO AND RELAY
EYE DAC
PROM
26624
INSTRUCTIONS
ANALOG
FRONT
END
TIME BASE
OSC
ST18932
DSP
(24Mips)
RAM
6144 WORDS
ROM
16368 WORDS
AUTOTEST
1024
INSTRUCTIONS
AUTOTEST
1024
INSTRUCTIONS
EYEX
EYEY
XTAL
EYEY
CLKOUT
EXTAL
RING
Pins 22 to 29
SD[0..7]
Pins 34 to 40
SA[0..6]
SINTR
45
46
16
17
68
72
73
47
42
ST75C530/540
ST75C530 - ST75C540
8/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com