Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 6Page - STMicroelectronics ST75C530 Datasheet HTML 7Page - STMicroelectronics ST75C530 Datasheet HTML 8Page - STMicroelectronics ST75C530 Datasheet HTML 9Page - STMicroelectronics ST75C530 Datasheet HTML 10Page - STMicroelectronics ST75C530 Datasheet HTML 11Page - STMicroelectronics ST75C530 Datasheet HTML 12Page - STMicroelectronics ST75C530 Datasheet HTML 13Page - STMicroelectronics ST75C530 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
IV.3 - Digital Interface
(AVDD =DVDD = 5V, AGND = DGND = RGND = 0V) except XTAL, EXTAL, RING.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.2
V
VIL
Low Level Input Voltage
-0.3
0.8
V
VOH
High Level Output Voltage (Iload = -2mA, Iload = -4mA for SD[7..0])
2.4
V
VOL
Low Level Output Voltage (Iload = 2mA, Iload = 4mA for SD[7..0])
0.4
V
ILEAK
Input Leakage Current
-10
10
µA
IOL
Low Level Output Current (except RELAY0 and RELAY1, and SINTR)
(0 < VOL <VOLMax.)
-2
mA
IOH
High Level Output Current (except RELAY0 and RELAY1, and SINTR)
(0 < VOL <VOLMax.)
2mA
IOZ
GIO Three State Input Leakage Current (GND < VO <VDD)
-50
0
50
µA
IOZ
SD Three State Input Leakage Current (GND < VO <VDD)
-50
0
50
µA
IOLRELAY
Low Level Output Current RELAY0 or RELAY1 (VOL = 0.8V)
-10
0
mA
CRYSTAL OSCILLATOR
VIH
High Level Input Voltage
3.5
V
VIL
Low Level Input Voltage
1.5
V
IH
High Level Input Current
-20
µA
IL
Low Level Input Current
20
µA
RING (this input have hysteresis)
VIH
High Level Input Voltage
2.4
2.8
V
VIL
Low Level Input Voltage
1
1.2
V
IH
High Level Input Current
-20
µA
IL
Low Level Input Current
20
µA
IV - ELECTRICAL SPECIFICATIONS (continued)
ST75C530 - ST75C540
10/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com