Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 5Page - STMicroelectronics ST75C530 Datasheet HTML 6Page - STMicroelectronics ST75C530 Datasheet HTML 7Page - STMicroelectronics ST75C530 Datasheet HTML 8Page - STMicroelectronics ST75C530 Datasheet HTML 9Page - STMicroelectronics ST75C530 Datasheet HTML 10Page - STMicroelectronics ST75C530 Datasheet HTML 11Page - STMicroelectronics ST75C530 Datasheet HTML 12Page - STMicroelectronics ST75C530 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
IV - ELECTRICAL SPECIFICATIONS
IV.1 - Maximum Ratings (AGND = DGND = RGND = 0V, all voltages with respect to 0V)
Symbol
Parameter
Value
Unit
AVDD
Analog Power Supply
-0.3, 6.0
V
DVDD
Digital Power Supply
-0.3, 6.0
V
II
Input Current per Pin (except supply pins and RELAY0 and RELAY1)
-10, +10
mA
IO
Output Current per Pin (except supply pins and RELAY0 and RELAY1)
-20, +20
mA
IO2
Output Current per Pin RELAY0 or RELAY1 (respect to RGND)
-40, 0
mA
VIA
Analog Input Voltage
-0.3, AVDD + 0.3
V
VID
Digital Input Voltage
-0.3, DVDD + 0.3
V
VIDGPIO
Digital Input Voltage at GPIO
5.25
V
Toper
Operating Temperature
0, +70
°C
Tstg
Storage Temperature
- 40, +125
°C
Ptot
Maximum Power Dissipation
1500
mW
Warning : Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranted at these extremes.
IV.2 - Recommended Operating Conditions
(AGND = DGND = RGND = 0V, all voltages with respect to 0V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.75
5
5.25
V
IDD
Supply Current
ST75C530
ST75C540
130
145
150
165
mA
mA
PDLP
Low Power
30
mW
PD
Power
ST75C530
ST75C540
650
725
790
866
mW
mW
VCM
Common Mode Voltage Output (refer to AVDD/2)
-5
+5
%
ICM
Common Mode Current (see Note 1)
100
µA
Note 1 : DC current only. If dynamic load exists, the VCM output must be buffered or the performances of ADCs and DACs will be degraded.
ST75C530 - ST75C540
9/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com