Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 1 Page - STMicroelectronics

  ST75C530 Datasheet HTML 1Page - STMicroelectronics ST75C530 Datasheet HTML 2Page - STMicroelectronics ST75C530 Datasheet HTML 3Page - STMicroelectronics ST75C530 Datasheet HTML 4Page - STMicroelectronics ST75C530 Datasheet HTML 5Page - STMicroelectronics ST75C530 Datasheet HTML 6Page - STMicroelectronics ST75C530 Datasheet HTML 7Page - STMicroelectronics ST75C530 Datasheet HTML 8Page - STMicroelectronics ST75C530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
ST75C530
ST75C540
SUPER INTEGRATED DEVICES WITH DSP, AFE & MEMORIES
FOR TELEPHONY, MODEM, FAX OVER INTERNET & POTS LINES
February 1999
TQFP80 (14 x 14 x 1.4mm)
(Full Thin Plastic Quad Flat Pack)
ORDER CODE : ST75C530FP-A
ST75C540FP-A
SUMMARIZED FEATURES
(for detailed features, see page 4)
.
SINGLE CHIP FAX Up to 14.4Kbps (V.17)
.
FULL
DUPLEX
DATA
MODEM
UP
TO
14.4Kbps (V.32Bis)
.
DIGITAL ANSWERING MACHINE :
- 4.8Kbps VOCODER
- VARIABLEPLAYBACK SPEED (+50% to -50%)
- ADPCM 32, 34, 16Kbps VOCODER
.
FULL-DUPLEX DIGITAL SPEAKERPHONE
WITH ECHO CANCELLATION
.
PROGRAMMABLE RING DETECTION
.
16 PROGRAMMABLE TONE DETECTORS
FOR CLID AND SCWID
.
DTMF DETECTION
.
VERSATILE HOST INTERFACES
.
16 GENERAL PURPOSE I/O PORTS
.
2 RELAY DRIVE OUTPUTS
.
SINGLE 5V POWER SUPPLY
.
TYPICAL ACTIVE POWER CONSUMPTION :
650mW (ST75C530), 750 mW (ST75C540)
.
LOW POWER MODE < 30mW
.
80-PIN TQFP PACKAGE (14mm x 14mm)
DESCRIPTION
ST75C530 and ST75C540 are two super-inte-
grated devices including DSP, Modem and Audio
Analog Front Ends and memories for Telephony,
Modem and FAX applications.
These devices can be used for classical applica-
tions over POTS lines or over Internet.
The super integration technology allows a signifi-
cant cost reduction on bill of materials for equip-
ment like High-End phones, INTERNET phones,
phone-Fax, INTERNET FAX, ...
The devices are used with a host processor
through a Dual Port RAM allowing the use of any
kind of microcontroller (RISC, CISC, General Pur-
pose 8-bit
µC, ...).
The embedded software includes :
- handset with listening group capability,
- full duplex handsfree,
- voice coder/decoderat 4.8Kbpsfor staticanswer-
ing machine applications and ADPCM 16Kbps,
24Kbps and 32Kbps for high quality message
recording,
- Tone and DTMF generators,
- Tone and DTMF detectors,
- FAX up to 14.4Kbps,
- Data-Modem up to 14.4Kbps (ST75C540 only).
The DSP sofware is extensively user configurable
allowing specific functions to be supported like
Caller Identifier (CLID) and Second Call Waiting
Identifier (SCWID).
The DSP software includes a transparent mode
allowing the host controller to access directly the
modem Analog Front End and the Audio AFE
through the dual Port RAM. This is very useful for
hostprocessing modem solutions (or soft modem)
where the modulation and the demodulation (V.34,
V.90) are done by the application main processor.
In transparent mode, the embedded DSP can be
used simultaneously with the same samples.
The transparent mode for audio AFE is provided to
play audio files or to record voice and/or audio.
1/84


Similar Part No. - ST75C530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
ST75C520PQFP STMICROELECTRONICS-ST75C520PQFP Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
More results

Similar Description - ST75C530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
Facsimile/Data Modem Analog Front End (AFE)
logo
List of Unclassifed Man...
ES2898 ETC-ES2898 Datasheet
66Kb / 6P
V.90 PCI DSP Modem Solution
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
EMBEDDED V.90 MODEM DSP
logo
Zilog, Inc.
Z02201 ZILOG-Z02201 Datasheet
1Mb / 77P
V.22BIS Data Pump with INTEGRATED AFE
Z02922 ZILOG-Z02922 Datasheet
970Kb / 49P
Transaction Processing Modem Data Pump with Integrated AFE
logo
STMicroelectronics
STW51000 STMICROELECTRONICS-STW51000 Datasheet
220Kb / 8P
SUPER INTEGRATED DSP ENGINE
04-Apr-2005
logo
Zilog, Inc.
Z02201 ZILOG-Z02201_1 Datasheet
140Kb / 5P
V.22BIS Data Pump with INTEGRATED AFE
logo
Texas Instruments
AFE4404 TI1-AFE4404 Datasheet
1Mb / 83P
Ultra-Small, Integrated AFE
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
Integrated DSP Digital Sound Processing
logo
Maxim Integrated Produc...
MAX11947 MAXIM-MAX11947 Datasheet
1Mb / 45P
4 Channel AISG Integrated Modem
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com