Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C530 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 17Page - STMicroelectronics ST75C530 Datasheet HTML 18Page - STMicroelectronics ST75C530 Datasheet HTML 19Page - STMicroelectronics ST75C530 Datasheet HTML 20Page - STMicroelectronics ST75C530 Datasheet HTML 21Page - STMicroelectronics ST75C530 Datasheet HTML 22Page - STMicroelectronics ST75C530 Datasheet HTML 23Page - STMicroelectronics ST75C530 Datasheet HTML 24Page - STMicroelectronics ST75C530 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
VI - USER INTERFACE
VI.1 - Dual Port Ram Description
The dual port RAM is the standard interface be-
tween the host controller and the ST75C530/540,
for either commands or data. This memory is ad-
dressed through a 7-bit address bus. The locations
from $00 to $3F are RAM location, while locations
from $40 to $60 are control registers dedicated to
the interrupt handling and the general IO port and
Relay output.
Severalfunctionalareas are defined in the dual port
RAM mapping :
- the command area,
- the report area,
- the status area,
- the optional status area,
- the data buffer area,
- the interrupt control area,
- the general I/O and Relay Output area.
VI.1.1 - Mapping
VI.1.1.1 - Command Area
The command area is located from $00 to $04.
Address $00 holds the command byte COMSYS,
and the next four locations hold the parameters
COMPAR[0..3].The command parameters must be
entered before the command word is issued. Once
the command has been entered,the command byte
is reset and an acknowledge report is issued. Anew
command should not be issued before the acknow-
ledge counter COMACK is incremented.
VI.1.1.2 - Report Area
The report area is located from address $05 to
address $07. Location $05 holds the acknowledge
counter COMACK. Each time a command is ac-
knowledged, the report bytes COMREP[0..1] (if
any) are written by the ST75C530/540 into loca-
tions $06 and $07, and the content of COMACK is
in c r eme n t e d. T h i s
c ount er al l o w s
t he
ST75C530/540 to accurately monitor the com-
mand processing.
VI.1.1.3 - Status Area
The statusarea is located from address$08 to $0B.
The errorstatusword SYSERR is locatedat address
$08. This error status word is updated each time an
error condition occurs. An optional interruption IT0
may additionallybe triggered in the case of an error
condition. Locations $09 and $0A hold the general
status bytes STATUS[0..1]. The meaning of the bits
dependson the mode of operation,and is described
in Chapter VIII. The third byte at address $0B holds
the Quality Monitor byte STAQUA.
VI.1.1.4 - Optional Status Area
The user can program (through the DOSR com-
mand) the four locations STAOPT[0..3] of the Op-
tional Status Area ($0C to $0F) for the real time
monitoring of four arbitrary memory locations.
VI.1.1.5 - Data Buffer Area
The data area is made of four 8-byte buffers
(see Paragraph VI.1.3 “Host Interface Summary”).
Two are dedicated to transmission and the two
others to reception. Each of the four buffers is
attached to a status byte. the meaningof the status
byte depends on the selected format of transmis-
sion. Within each buffer, D0 represents the first bit
in time.
VI.1.1.6 - VOCODER Buffer Area
(VOCODER Mode)
This area is made of a 18+2 byte buffer. This buffer
contains the VOCODER frame. The first 18 bytes
VOCDATA contain the coded frame and the other
2 bytes VOCCORR the Error corrections bit (only
valid in low bit rate mode).
In the Receive Mode (CODER) the ST75C530/540
codes the received samples and writes the corres-
ponding bytes in the buffer. If the low bit rate mode
is selected, the ST75C530/540computes the Error
corrections 2 bytes and writes them in the buffer.
In th e Tr an sm it M od e ( DE CO D ER ) th e
ST75C530/540reads the 18 coded bytes decodes
them and sends the signal to the analog output. In
the low bit rate mode if the Error Correction is
enabled, prior the decoding, the ST75C530/540
reads the 2 Error Correction Bytes and, if any,
corrects the first 18 bytes.
A mechanism of flags to share the buffer access
between the ST75C530/540and the hostcontroller
is controlled by the VOCSTA byte :
- In CODER mode, when the ST75C530/540 has
finis-hed writing the VOCDATA and VOCCORR
bytes, it writes $14 in VOCSTA and generate an
Interrupt IT1. The host must read the Data buffer
then clear the VOCSTA byte.
- In DECODER mode, the host must feed the
VOCDATA and, optionaly,the VOCCORR bytes,
then write $14 (if low bit rate) or $12 (if ADPCM)
in VOCSTA. The ST75C530/540 will read the
VOCDATA and VOCCORR bytes, clear the
VOCSTA and generate an Interrupt IT1. A si-
lence frame can be generated, in either low bit
rate or ADPCM mode, by writing 00 in all the
VOCDATA buffer, including the Error Correction
Bytes VOCCORR.
ST75C530 - ST75C540
21/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com