| Electronic Components Datasheet Search |
|
STA323W Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA323W Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 77 page ![]() User-programmable settings STA323W 64/77 8.4 Mix/bass management The STA323W provides one post-EQ mixing block per channel. Each channel has two mixing coefficients, which are each 24-bit signed fractional multipliers, that correspond to the two channels of input to the mixing block. These coefficients are accessible via the User Controlled Coefficient RAM described below. The mix coefficients expressed as 24-bit signed, fractional numbers in the range +1.0 (8388607) to -1.0 (-8388608), are used to provide three channels of output from two channels of filtered input. Figure 50. Mix/bass management block diagram After mixing, STA323W also permits the implementation of crossover filters on all channels corresponding to 2.1 bass management operation. Channels 1 and 2 use a 1st order, high- pass filter and channel 3 uses a 2nd-order low-pass filter corresponding to the setting of the XO bits of I2C register 0x0C. If XO = 000, user specified crossover filters are used. By default these coefficients correspond to pass-through. However, the user can write these coefficients in a similar way as the EQ biquads. When user-defined setting is selected, the user can only write 2nd-order crossover filters. This output is then passed on to the Volume and Limiter block. C1MX1 High pass XO filter C1MX2 . Channel #1 from EQ Channel #2 from EQ Channel #1 to GC/vol C2MX1 High pass XO filter C2MX2 . Channel #2 to GC/vol C3MX1 Low pass XO filter C3MX2 . Channel #3 to GC/vol Crossover frequency determined by XO setting. User defined when XO = 000 User defined mix coefficients |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |