Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323W Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 4 Page - STMicroelectronics

  STA323W Datasheet HTML 1Page - STMicroelectronics STA323W Datasheet HTML 2Page - STMicroelectronics STA323W Datasheet HTML 3Page - STMicroelectronics STA323W Datasheet HTML 4Page - STMicroelectronics STA323W Datasheet HTML 5Page - STMicroelectronics STA323W Datasheet HTML 6Page - STMicroelectronics STA323W Datasheet HTML 7Page - STMicroelectronics STA323W Datasheet HTML 8Page - STMicroelectronics STA323W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Contents
STA323W
4/77
7.9
Channel configuration registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
7.9.1
Channel 1 configuration (address 0x0E) . . . . . . . . . . . . . . . . . . . . . . . . 55
7.9.2
Channel 2 configuration (address 0x0F) . . . . . . . . . . . . . . . . . . . . . . . . 55
7.9.3
Channel 3 configuration (address 0x10) . . . . . . . . . . . . . . . . . . . . . . . . 56
7.10
Tone control (address 0x11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
7.11
Dynamics control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
7.11.1
Limiter 1 attack/release threshold (address 0x12) . . . . . . . . . . . . . . . . . 57
7.11.2
Limiter 1 attack/release threshold (address 0x13) . . . . . . . . . . . . . . . . . 57
7.11.3
Limiter 2 attack/release rate (address 0x14) . . . . . . . . . . . . . . . . . . . . . 57
7.11.4
Limiter 2 attack/release threshold (address 0x15) . . . . . . . . . . . . . . . . . 58
7.11.5
Dynamics control description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
7.11.6
Anti-clipping mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
7.11.7
Dynamic range compression mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
8
User-programmable settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.1
EQ - biquad equation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.2
Pre-scale . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.3
Post-scale . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.4
Mix/bass management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
8.5
Calculating 24-bit signed fractional numbers from a dB value . . . . . . . . . 65
8.6
User defined coefficient RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
8.6.1
Coefficient address register 1 (address 0x16) . . . . . . . . . . . . . . . . . . . . 65
8.6.2
Coefficient b1data register bits 23:16 (address 0x17) . . . . . . . . . . . . . . 65
8.6.3
Coefficient b1data register bits 15:8 (address 0x18) . . . . . . . . . . . . . . . 65
8.6.4
Coefficient b1data register bits 7:0 (address 0x19) . . . . . . . . . . . . . . . . 65
8.6.5
Coefficient b2 data register bits 23:16 (address 0x1A) . . . . . . . . . . . . . 65
8.6.6
Coefficient b2 data register bits 15:8 (address 0x1B) . . . . . . . . . . . . . . 66
8.6.7
Coefficient b2 data register bits 7:0 (address 0x1C) . . . . . . . . . . . . . . . 66
8.6.8
Coefficient a1 data register bits 23:16 (address 0x1D) . . . . . . . . . . . . . 66
8.6.9
Coefficient a1 data register bits 15:8 (address 0x1E) . . . . . . . . . . . . . . 66
8.6.10
Coefficient a1 data register bits 7:0 (address 0x1F) . . . . . . . . . . . . . . . 66
8.6.11
Coefficient a2 data register bits 23:16 (address 0x20) . . . . . . . . . . . . . 66
8.6.12
Coefficient a2 data register bits 15:8 (address 0x21) . . . . . . . . . . . . . . 66
8.6.13
Coefficient a2 data register bits 7:0 (address 0x22) . . . . . . . . . . . . . . . 67
8.6.14
Coefficient b0 data register bits 23:16 (address 0x23) . . . . . . . . . . . . . 67
8.6.15
Coefficient b0 data register bits 15:8 (address 0x24) . . . . . . . . . . . . . . 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com