Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 3Page - STMicroelectronics QST508AB1 Datasheet HTML 4Page - STMicroelectronics QST508AB1 Datasheet HTML 5Page - STMicroelectronics QST508AB1 Datasheet HTML 6Page - STMicroelectronics QST508AB1 Datasheet HTML 7Page - STMicroelectronics QST508AB1 Datasheet HTML 8Page - STMicroelectronics QST508AB1 Datasheet HTML 9Page - STMicroelectronics QST508AB1 Datasheet HTML 10Page - STMicroelectronics QST508AB1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
QST108
Pin description
7/51
6
RESET
BD
Reset (active low)
10nF
capacitor to
ground
7
NC
Not connected
8VDD_1
S
Supply voltage
9VSS_1
S
Ground voltage
10
VSS_2
S
Ground voltage
11
VSS_3
S
Ground voltage
12
VSS_4
S
Ground voltage
13
VDD_2
S
Supply voltage
14
SNS_SCK1
SNS
Key 1 sense pin to Cs
Open
15
SNSK_SCK1
SNS
Key 1 sense pin to Cs/Rs
Open
16
SNS_SCK2
SNS
Key 2 sense pin to Cs
Open
17
SNSK_SCK2
SNS
Key 2 sense pin to Cs/Rs
Open
18
SNS_SCK3
SNS
Key 3 sense pin to Cs
Open
19
SNSK_SCK3
SNS
Key 3 sense pin to Cs/Rs
Open
20
SNS_SCK4
SNS
Key 4 sense pin to Cs
Open
21
SNSK_SCK4
SNS
Key 4 sense pin to Cs/Rs
Open
22
SNS_SCK5
SNS
Key 5 sense pin to Cs
Open
23
SNSK_SCK5
SNS
Key 5 sense pin to Cs/Rs
Open
24
SNS_SCK6
SNS
Key 6 sense pin to Cs
Open
25
SNSK_SCK6
SNS
Key 6 sense pin to Cs/Rs
Open
26
SNS_SCK7
SNS
Key 7 sense pin to Cs
Open
27
SNSK_SCK7
SNS
Key 7 sense pin to Cs/Rs
Open
28
SNS_SCK8
SNS
Key 8 sense pin to Cs
Open
29
SNSK_SCK8
SNS
Key 8 sense pin to Cs/Rs
Open
30
GPO1/OPT1/KOUT1 (2)
PP (HS)
Key 1 output / BCD output 1
and MODE option resistor
General purpose output 1
and MODE option resistor
Option
resistor
31
GPO2/OPT2/KOUT2 (2)
PP (HS)
Key 2 output / BCD output 2
and AKS option resistor
General purpose output 2
and I2C address bit 0
option resistor
Option
resistor
32
GPO3/OPT3/KOUT3 (2)
PP (HS)
Key 3 output / BCD output 3
and LP option resistor
General purpose output 3
and I2C address bit 1
option resistor
Option
resistor
1.
S: supply pin, BD: bidirectional pin, SNS: capacitive sensing pin, PP: Output push-pull, OD: Output open-drain,
TOD: Output true open-drain and HS: 20mA high sink capability (on N-buffer only)
2.
During the reset phase, these pins are floating and their state depends on the option resistor.
3.
An external pull-up is required on these pins.
Table 2.
Device pin description (continued)
Pin
Pin name
Type (1)
Stand-alone mode function
I2C mode function
If unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com