Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 20Page - STMicroelectronics QST508AB1 Datasheet HTML 21Page - STMicroelectronics QST508AB1 Datasheet HTML 22Page - STMicroelectronics QST508AB1 Datasheet HTML 23Page - STMicroelectronics QST508AB1 Datasheet HTML 24Page - STMicroelectronics QST508AB1 Datasheet HTML 25Page - STMicroelectronics QST508AB1 Datasheet HTML 26Page - STMicroelectronics QST508AB1 Datasheet HTML 27Page - STMicroelectronics QST508AB1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Device operating modes
QST108
24/51
Error codes
Table 11 lists the I2C error codes.
KeyError byte description
Key state (Bit 7)
When set to ‘1’, the corresponding key is touched. This bit is always cleared for the
GET_KEY_STATE command.
Key error codes (Bits 2:0)
When answering the GET_KEY_STATE command, the key error code corresponds to
the error codes of all the keys ORed toghether. When answering the
GET_KEY_ERROR command, each key error code describes the errors of one defined
key.
Bit 0: When set to ‘1’, calibration in progress
Bit 1: When set to ‘1’, maximum count reached
Bit 2: When set to ‘1’, minimum count not reached
All key state description
Key n state
When set to ‘1’, the corresponding key is touched.
Table 11.
ErrCode
ErrCode
Description
0x01
No Error
0x83
Command not supported
0x85
Parameter not supported
0xA1
Parity Error
0xA3
Checksum Error
0xE0
Initialization process (GET_FIRMWARE_INFO command not received)
Table 12.
KeyError byte description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Key State
0
0
0
0
Key error codes
Table 13.
AllKeyState
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Key 8 State Key 7 State Key 6 State Key 5 State Key 4 State Key 3 State Key 2 State Key 1 State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com