Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 33Page - STMicroelectronics QST508AB1 Datasheet HTML 34Page - STMicroelectronics QST508AB1 Datasheet HTML 35Page - STMicroelectronics QST508AB1 Datasheet HTML 36Page - STMicroelectronics QST508AB1 Datasheet HTML 37Page - STMicroelectronics QST508AB1 Datasheet HTML 38Page - STMicroelectronics QST508AB1 Datasheet HTML 39Page - STMicroelectronics QST508AB1 Datasheet HTML 40Page - STMicroelectronics QST508AB1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
QST108
Electrical characteristics
37/51
Figure 11.
Typical VOL at VDD = 2.4 V
Figure 12.
Typical VOL vs VDD at Iload = 2 mA
Figure 13.
Typical VOL at VDD = 3 V
Figure 14.
Typical VOL vs VDD at Iload = 8 mA
Figure 15.
Typical VOL at VDD = 5 V
Figure 16.
Typical VOL vs VDD at Iload = 12 mA
Figure 17.
Typical VDD-VOH vs. Iload at VDD = 2.4 V Figure 18.
Typical VDD-VOH vs. VDD at Iload = 2 mA
VOL vs Iload @ VDD = 2.4 V HS pins
0
200
400
600
800
1000
1200
02
46
8
10
12
14
16
Iload [mA]
-40°C
25°C
85°C
125°C
VOLvs VDD @Iload=2 mA HS Pins
40
50
60
70
80
90
100
110
120
2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6
VDD [V]
-40°C
25°C
85°C
125°C
VOLvs Iload @ VDD = 3 V HS pins
0
200
400
600
800
1000
1200
1400
1600
0
2
4
6
8
10
1214161820
Iload [mA]
-40°C
25°C
85°C
125°C
VOL vs VDD@Iload = 8 mA HS Pins
140
190
240
290
340
390
440
490
540
2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6
VDD [V]
-40°C
25°C
85°C
125°C
VOL vs Iload @ VDD = 5 V HS pins
0
100
200
300
400
500
600
700
800
900
02
46
8
10
12
14
16
18
20
Iload [mA]
-40°C
25°C
85°C
125°C
VOL vs VDD @Iload = 12 mA HS Pins
140
240
340
440
540
640
740
840
940
1040
2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6
VDD [V]
-40°C
25°C
85°C
125°C
VDD-VOH vs Iload @ VDD = 2.4 V HS Pins
0
100
200
300
400
500
600
700
800
24
Iload[mA]
-40°C
25°C
85°C
125°C
VDD-VOH vs VDD @Iload = 2 mA HS Pins
0
100
200
300
400
500
600
700
800
VDD[V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com