Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 42Page - STMicroelectronics QST508AB1 Datasheet HTML 43Page - STMicroelectronics QST508AB1 Datasheet HTML 44Page - STMicroelectronics QST508AB1 Datasheet HTML 45Page - STMicroelectronics QST508AB1 Datasheet HTML 46Page - STMicroelectronics QST508AB1 Datasheet HTML 47Page - STMicroelectronics QST508AB1 Datasheet HTML 48Page - STMicroelectronics QST508AB1 Datasheet HTML 49Page - STMicroelectronics QST508AB1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Part numbering
QST108
46/51
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 38.
Ordering information scheme
Example:
QST
1
08
K
T
6
Device type
QST = Capacitive touch sensor
Device sub-family
1:
QTouch (3 to 5 V)
5:
QMatrix (3 to 5 V)
6:
QSlide/QWheel (3 to 5 V)
11: QTouch (1.8 to 3.6 V)
15: QMatrix (1.8 to 3.6 V)
16: QSlide/QWheel (1.8 to 3.6 V)
Channel count
Number of channels
Pin count
A:
8 pins
S: 44 pins
Y:
16 pins
C: 48 pins
K:
32 pins
M: 80 pins
Package
B:
DIP (dual in-line)
H:
BGA (ball grid array)
M: SO (small outline)
N:
TSSOP (thin-shrink small outline package)
T:
LQFP (thin quad flat)
U:
QFN (dual quad flat no lead)
Temperature range
0:
+25°C
6: –40°C to +85°C
1:
0 to +70°C
7: –40°C to +105°C
5:
–10°C to +85°C
9: –40°C to + 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com