Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 29Page - STMicroelectronics QST508AB1 Datasheet HTML 30Page - STMicroelectronics QST508AB1 Datasheet HTML 31Page - STMicroelectronics QST508AB1 Datasheet HTML 32Page - STMicroelectronics QST508AB1 Datasheet HTML 33Page - STMicroelectronics QST508AB1 Datasheet HTML 34Page - STMicroelectronics QST508AB1 Datasheet HTML 35Page - STMicroelectronics QST508AB1 Datasheet HTML 36Page - STMicroelectronics QST508AB1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
QST108
Electrical characteristics
33/51
6.3.3
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
For more details, refer to the application note AN1181.
Electro-static discharge (ESD)
Electro-Static Discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). Two models
can be simulated: Human Body Model and Charge Device Model. These tests comply with
JESD22-A114A/A115A specifications.
Static and dynamic latch-up
●
LU: 3 complementary static tests are required on 10 parts to assess the latch-up
performance. A supply overvoltage (applied to each power supply pin) and a current
injection (applied to each I/O pin) are performed on each sample. This test complies
with EIA/JESD 78 IC latch-up specifications.
●
DLU: Electro-Static Discharges (one positive then one negative test) are applied to
each pin of 3 samples when the MCU is running to assess the latch-up performance in
Dynamic mode. Power supplies are set to the typical values and the component is put
in Reset mode. This test complies with IEC1000-4-2 and SAEJ1752/3 specifications.
For more details, refer to the application note AN1181.
Table 25.
Absolute maximum ratings
Symbol
Ratings
Conditions
Maximum value (1)
1.
Data based on characterization results, not tested in production.
Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
4000
V
VESD(CDM)
Electro-static discharge voltage
(Charge Device Model)
TA=+25°C
500
V
Table 26.
Electrical sensitivities
Symbol
Parameter
Conditions
Class (1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B
Class strictly covers all the JEDEC criteria (international standard).
LU
Static latch-up class
TA=+125°C
A
DLU
Dynamic latch-up class
VDD=5.5V, fDEVICE = 4MHz, TA=+25°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com