Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 18Page - STMicroelectronics QST508AB1 Datasheet HTML 19Page - STMicroelectronics QST508AB1 Datasheet HTML 20Page - STMicroelectronics QST508AB1 Datasheet HTML 21Page - STMicroelectronics QST508AB1 Datasheet HTML 22Page - STMicroelectronics QST508AB1 Datasheet HTML 23Page - STMicroelectronics QST508AB1 Datasheet HTML 24Page - STMicroelectronics QST508AB1 Datasheet HTML 25Page - STMicroelectronics QST508AB1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Device operating modes
QST108
22/51
GET_DEVICE_INFO
Write
0x85
Returns the QST108 device version and ASCII-coded device
name. This command must be sent first to enable the
communication flow.
MainVers: Device main version
SubVer: Device sub-version
NbSCkey: 0x08 single-channel keys
NbMCkey: 0x00 multi-channel keys
Q S T 1 0 8: ASCII-coded device name
Read
0x15 MainVers SubVers
NbSCkey NbMCkey
‘Q’ ’S’ ‘T’ ‘1’ ‘0’ ‘8’
Checksum
GET_KEY_ERROR
Write
0xC4
Returns the error information on each key.
KeyErrorN: KeyError byte description (see Table 12)
Read
0x10 KeyError1
KeyError2 ... KeyError8
CheckSum
GET_KEY_STATE
Write
0xC1
Returns the state of all keys.
AllKeyState: Touched/untouched state for all 8 keys. Refer to
Table 13: AllKeyState.
KeyError: Refer to Table 12: KeyError byte description
Read
0x04 AllKeyState
KeyError Checksum
GET_PROTOCOL_VERSION
Write
0x80
Returns the QST108 protocol version.
MainVers: Protocol main version
SubVer: Protocol sub-version
I2CSpeed: 0x00 (100 kHz maximum)
Read
0x07 MainVers SubVer
I2CSpeed Checksum
RESET_DEVICE
Write
0xFD
Restarts the device (options Read and Calibration) after
reading the ErrCode (see Table 11).
Read
ErrCode
SET_DETECT_INTEGRATORS
Write
0x03 0x04 0x00 DI EDI
PosRecaII CheckSum
Sets the detection, End Of Detection and Positive Recalibration
Integrators for all keys.
DI: Detection Integrator 1) 3)
EDI: End of Detection Integrator 1) 3)
PosRecaII: Positive Recalibration Integrator 1) 3)
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
SET_GPIO_STATE
Write
0x08 0x01 GPOState
Checksum
Controls the state of the general-purpose outputs.
GPOState: State of general-purpose outputs (see Table 16)
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
Table 10.
Supported commands (continued)
I2C commands
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com