Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST508AB1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # QST508AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST508AB1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button QST508AB1 Datasheet HTML 19Page - STMicroelectronics QST508AB1 Datasheet HTML 20Page - STMicroelectronics QST508AB1 Datasheet HTML 21Page - STMicroelectronics QST508AB1 Datasheet HTML 22Page - STMicroelectronics QST508AB1 Datasheet HTML 23Page - STMicroelectronics QST508AB1 Datasheet HTML 24Page - STMicroelectronics QST508AB1 Datasheet HTML 25Page - STMicroelectronics QST508AB1 Datasheet HTML 26Page - STMicroelectronics QST508AB1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
QST108
Device operating modes
23/51
Note:
1
See Section 6.6: Capacitive sensing characteristics on page 35 for default values.
2
The value is a signed character (0x80...0x7F <=> -128 ... +128).
3
The value is an unsigned number (0x01..0xFF <=> 1 ... 255).
4
Enabling or disabling keys triggers a new calibration of all enabled keys.
SET_KEY_ACTIVATION (see Note 4)
Write
0x97 KeyActivation
Checksum
Enables or disables a single key.
KeyActivation: Byte containing the key number selection and
requested state.
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
SET_KEY_GROUP
Write
0x00 0x09
AKSGrpMode Key1Grp
Key2Grp ...Key8Grp
CheckSum
Defines the AKS groups for each key.
AKSGrpMode: AKS mode selection of each group (see
Table 17)
KeynGrp: AKS group selection for key n (see Table 18)
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
SET_LOW_POWER_MODE
Write
0x92 LowPowerMode
Checksum
Selects standard or Low Power mode.
LowPowerMode: Configure Low Power mode (see Table 15)
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
SET_MAX_ON_DURATION
Write
0x8A MaxOnDuration
Checksum
Sets the maximum detected ON time before triggering an
automatic recalibration.
MaxOnDuration: Time, in second (0 for infinite)
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
SET_SCKEY_PARAMETERS
Write
0x01 0x04 0x00 DeTh
EofDeTh PosRecalTh
Checksum
Sets the Detection, End Of Detection and Positive
Recalibration Thresholds for a single key.
DeTh: Detection Threshold 1) 2)
EofDeTh: End of Detection Threshold 1) 2)
PosRecalTh: Positive Recalibration Threshold 1) 2)
ErrCode: Standard Error code (see Table 11)
Read
ErrCode
Table 10.
Supported commands (continued)
I2C commands
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com