Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 353Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 354Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 355Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 356Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 357Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 358Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 359Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 360Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 329 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
23 to 17
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
16
DREQ
0
R/W
DMA Request
This bit is used to check whether a DMA request is
currently present.
Furthermore, when the software trigger is selected
(DCTG = "000000") by the DMA request source
selection bits (DCTG), DMA requests operate through
this bit.
The value of this bit changes according to the state of
DMA request input to the DMAC regardless of the
settings of the DMAC module activation bit (DMST)
and DMA transfer enable bit (DEN). The conditions for
setting and clearing the bit are determined by the DMA
request source selection bits (DCTG) and input sense
mode selection bits (STRG) as described below.
(a) When software triggering is selected (DCTG =
"000000") by the DMA request source selection
bits (DCTG).
• Condition for setting to "1"
This bit is set to "1" when a "1" is written to it by
software, generating the DMA request.
• Condition for clearing to "0"
This bit is cleared to "0" by either of the below
events.
 Software writing a "0" to the bit
 The start of the transfer operation
corresponding to the bit setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com