Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 356Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 357Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 358Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 359Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 360Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 361Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 362Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 363Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 332 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
8
ECLR
0
R/W
DMA Transfer Enable Clear
This bit specifies whether or not to clear the DMA
transfer enable bit (DEN) to "0" when the DMA transfer
end condition is detected.
When this bit is cleared to "0", the DMA transfer
enable bit (DEN) is not cleared to "0" even when the
DMA transfer end condition is detected.
When this bit is set to "1", the DMA transfer enable bit
(DEN) is cleared to "0" when the DMA transfer end
condition is detected.
Note:
When a value is written to the DMA transfer
enable clear bit for a channel handling single
operand transfer, operation is not guaranteed.
0: Detection of the DMA transfer end condition does
not clear the DMA transfer enable bit to 0
1: Detection of the DMA transfer end condition clears
the DMA transfer enable bit to 0
7 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com