Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 355Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 356Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 357Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 358Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 359Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 360Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 361Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 362Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 331 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
16
DREQ
0
R/W
(c) When a source other than the software trigger is
selected (DCTG = "000000") by the DMA request
source selection bits (DCTG) and an edge sense
has been selected
• Condition for setting to "1"
The DREQ bit is set to "1" when the edge specified
by the input sense selection bits (STRG) is
encountered, i.e. when a DMA request exists.
Once this bit has been set to "1", regardless of the
subsequent state of the DMA request signal, the
DMA request bit (DREQ) remains set until a
condition for clearing to "0" has been satisfied.
• Condition for clearing to "0"
This bit is cleared to "0" by either of the events
listed below.
 Software writing a "0" to this bit
 The start of operand transfer corresponding to
the bit
Notes: 1. In a case where a source other than
software triggering is selected, do not write
"1" to the DMA request bit (DREQ). If "1" is
written to this bit, operation is not
guaranteed.
2. After setting the DMA request source
selection bits (DCTG) and the input sense
mode selection bits (STRG) in DMA control
register A (DMCNTAn), be sure to clear the
DMA request bit (DREQ) for the channel to
"0" and enable DMA transfer (DMST
= "1"
and DEN
= "1").
0: No DMA request
1: DMA requested
15 to 9
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com