Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 453Page - Renesas Technology Corp H8/3022 Datasheet HTML 454Page - Renesas Technology Corp H8/3022 Datasheet HTML 455Page - Renesas Technology Corp H8/3022 Datasheet HTML 456Page - Renesas Technology Corp H8/3022 Datasheet HTML 457Page - Renesas Technology Corp H8/3022 Datasheet HTML 458Page - Renesas Technology Corp H8/3022 Datasheet HTML 459Page - Renesas Technology Corp H8/3022 Datasheet HTML 460Page - Renesas Technology Corp H8/3022 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 433 of 684
REJ09B0352-0200
13.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input at a time t
D after the ADST bit is set to 1, then starts conversion. Figure 13.5 shows the A/D
conversion timing. Table 13.4 indicates the A/D conversion time.
As indicated in figure 13.5, the A/D conversion time includes t
D and the input sampling time. The
length of t
D varies depending on the timing of the write access to ADCSR. The total conversion
time therefore varies within the ranges indicated in table 13.4.
In scan mode, the values given in table 13.4 apply to the first conversion. In the second and
subsequent conversions the conversion time is fixed at 256 states when CKS = 0 or 128 states
when CKS = 1.
(1)
(2)
φ
Address bus
Write signal
Input sampling
timing
ADF
tD
tSPL
tCONV
Legend
(1):
(2):
tD:
tSPL:
tCONV:
ADCSR write cycle
ADCSR address
Synchronization delay
Input sampling time
A/D conversion time
Figure 13.5 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com