Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 456Page - Renesas Technology Corp H8/3022 Datasheet HTML 457Page - Renesas Technology Corp H8/3022 Datasheet HTML 458Page - Renesas Technology Corp H8/3022 Datasheet HTML 459Page - Renesas Technology Corp H8/3022 Datasheet HTML 460Page - Renesas Technology Corp H8/3022 Datasheet HTML 461Page - Renesas Technology Corp H8/3022 Datasheet HTML 462Page - Renesas Technology Corp H8/3022 Datasheet HTML 463Page - Renesas Technology Corp H8/3022 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 436 of 684
REJ09B0352-0200
If a filter capacitor is connected as shown in figure 13.7, the input currents at the analog input pins
(AN
0 to AN7) are averaged, and so an error may arise.
Also, when A/D conversion is performed
frequently, as in scan mode, if the current charged and discharged by the capacitance of the
sample-and-hold circuit in the A/D converter exceeds the current input via the input impedance
(R
in), an error will arise in the analog input pin voltage.Therefore careful consideration is required
when deciding the circuit constants.
AVCC
*1
AN0 to AN7
AVSS
Notes:
Values are reference values.
1.
2. Rin: Input impedance
Rin*2
100
Ω
0.1 µF
0.01 µF
10 µF
Figure 13.7 Example of Analog Input Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com