Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 455Page - Renesas Technology Corp H8/3022 Datasheet HTML 456Page - Renesas Technology Corp H8/3022 Datasheet HTML 457Page - Renesas Technology Corp H8/3022 Datasheet HTML 458Page - Renesas Technology Corp H8/3022 Datasheet HTML 459Page - Renesas Technology Corp H8/3022 Datasheet HTML 460Page - Renesas Technology Corp H8/3022 Datasheet HTML 461Page - Renesas Technology Corp H8/3022 Datasheet HTML 462Page - Renesas Technology Corp H8/3022 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 435 of 684
REJ09B0352-0200
13.5
Interrupts
The A/D converter generates an interrupt (ADI) at the end of A/D conversion. The ADI interrupt
request can be enabled or disabled by the ADIE bit in ADCSR.
13.6
Usage Notes
The following points should be noted when using the A/D converter.
Setting Range of Analog Power Supply and Other Pins:
(1) Analog input voltage range
The voltage applied to analog input pins AN
0 to AN7 during A/D conversion should be in the
range AV
SS ≤ ANn
≤ AV
CC.
(2) Relation between AV
CC, AVSS and VCC, VSS
As the relationship between AV
CC, AVSS and VCC, VSS, set AVSS = VSS.
If the A/D converter is
not used, the AV
CC and AVSS pins must on no account be left open.
If conditions (1) and (2) above are not met, the reliability of the device may be adversely affected.
Notes on Board Design: In board design, digital circuitry and analog circuitry should be as
mutually isolated as possible, and layout in which digital circuit signal lines and analog circuit
signal lines cross or are in close proximity should be avoided as far as possible. Failure to do so
may result in incorrect operation of the analog circuitry due to inductance, adversely affecting A/D
conversion values.
Also, digital circuitry must be isolated from the analog input signals (AN
0 to AN7), and analog
power supply and reference voltage (AV
CC) by the analog ground (AVSS).
Also, the analog ground
(AV
SS) should be connected at one point to a stable digital ground (VSS) on the board.
Notes on Noise Countermeasures: A protection circuit connected to prevent damage due to an
abnormal voltage such as an excessive surge at the analog input pins (AN
0 to AN7) and analog
power supply (AV
CC
) should be connected between AVCC and AVSS as shown in figure 13.7.
Also, the bypass capacitors connected to AV
CC and the filter capacitor connected to AN0 to AN7
must be connected to AV
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com