Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 457Page - Renesas Technology Corp H8/3022 Datasheet HTML 458Page - Renesas Technology Corp H8/3022 Datasheet HTML 459Page - Renesas Technology Corp H8/3022 Datasheet HTML 460Page - Renesas Technology Corp H8/3022 Datasheet HTML 461Page - Renesas Technology Corp H8/3022 Datasheet HTML 462Page - Renesas Technology Corp H8/3022 Datasheet HTML 463Page - Renesas Technology Corp H8/3022 Datasheet HTML 464Page - Renesas Technology Corp H8/3022 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 437 of 684
REJ09B0352-0200
Table 13.5
Analog Pin Specifications
Item
Min
Max
Unit
Analog input capacitance
—
20
pF
Permissible signal source impedance
—
5
k
Ω
20 pF
To A/D
converter
AN0 to
AN7
10 k
Ω
Note: Values are reference values.
Figure 13.8 Analog Input Pin Equivalent Circuit
A/D Conversion Precision Definitions: H8/3022 Group A/D conversion precision definitions are
given below.
• Resolution
The number of A/D converter digital output codes
• Offset error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from the minimum voltage value 0000000000 to 0000000001
(see figure 13.10).
• Full-scale error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from 1111111110 to 1111111111 (see figure 13.10).
• Quantization error
The deviation inherent in the A/D converter, given by 1/2 LSB (see figure 13.9).
• Nonlinearity error
The error with respect to the ideal A/D conversion characteristic between the zero voltage and
the full-scale voltage. Does not include the offset error, full-scale error, or quantization error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com