Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 154Page - Renesas Technology Corp H8/3022 Datasheet HTML 155Page - Renesas Technology Corp H8/3022 Datasheet HTML 156Page - Renesas Technology Corp H8/3022 Datasheet HTML 157Page - Renesas Technology Corp H8/3022 Datasheet HTML 158Page - Renesas Technology Corp H8/3022 Datasheet HTML 159Page - Renesas Technology Corp H8/3022 Datasheet HTML 160Page - Renesas Technology Corp H8/3022 Datasheet HTML 161Page - Renesas Technology Corp H8/3022 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 134 of 684
REJ09B0352-0200
Table 7.2
Port 1 Registers
Initial Value
Address*
Name
Abbreviation
R/W
Modes 1, 3
Modes 5 to 7
H'FFC0
Port 1 data direction
register
P1DDR
W
H'FF
H'00
H'FFC2
Port 1 data register
P1DR
R/W
H'00
H'00
Note:
∗ Lower 16 bits of the address.
Port 1 Data Direction Register (P1DDR): P1DDR is an 8-bit write-only register that can select
input or output for each pin in port 1.
Bit
Modes
1, 3
Initial value
Read/Write
Initial value
Read/Write
Modes
5 to 7
7
P1 DDR
1
—
0
W
7
6
P1 DDR
1
—
0
W
6
5
P1 DDR
1
—
0
W
5
4
P1 DDR
1
—
0
W
4
3
P1 DDR
1
—
0
W
3
2
P1 DDR
1
—
0
W
2
1
P1 DDR
1
—
0
W
1
0
P1 DDR
1
—
0
W
0
Port 1 data direction 7 to 0
These bits select input or
output for port 1 pins
P1DDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting. If a P1DDR bit is set to 1, the corresponding pin maintains its output
state in software standby mode.
Port 1 Data Register (P1DR): P1DR is an 8-bit readable/writable register that stores data for pins
P1
7 to P10.
Bit
Initial value
Read/Write
7
P1
0
R/W
Port 1 data 7 to 0
These bits store data for port 1 pins
7
6
P1
0
R/W
6
5
P1
0
R/W
5
4
P1
0
R/W
4
3
P1
0
R/W
3
2
P1
0
R/W
2
1
P1
0
R/W
1
0
P1
0
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com