Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 155Page - Renesas Technology Corp H8/3022 Datasheet HTML 156Page - Renesas Technology Corp H8/3022 Datasheet HTML 157Page - Renesas Technology Corp H8/3022 Datasheet HTML 158Page - Renesas Technology Corp H8/3022 Datasheet HTML 159Page - Renesas Technology Corp H8/3022 Datasheet HTML 160Page - Renesas Technology Corp H8/3022 Datasheet HTML 161Page - Renesas Technology Corp H8/3022 Datasheet HTML 162Page - Renesas Technology Corp H8/3022 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 135 of 684
REJ09B0352-0200
When a bit in P1DDR is set to 1, if port 1 is read the value of the corresponding P1DR bit is
returned directly, regardless of the actual state of the pin. When a bit in P1DDR is cleared to 0, if
port 1 is read the corresponding pin level is read.
P1DR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
7.2.3
Pin Functions in Each Mode
The pin functions of port 1 differ between mode 1, 3 (expanded mode with on-chip ROM
disabled) , modes 5 and 6 (expanded mode with on-chip ROM enabled), and mode 7 (single-chip
mode). The pin functions in each mode are described as follows.
Modes 1 and 3: Address output can be selected for each pin in port 1. Figure 7.2 shows the pin
functions in modes 1 and 3.
Port 1
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
7
6
5
4
3
2
1
0
Figure 7.2 Pin Functions in Modes 1 and 3 (Port 1)
Modes 5 and 6: Address output or generic input can be selected for each pin in port 1. A pin
becomes an address output pin if the corresponding P1DDR bit is set to 1, and a generic input pin
if this bit is cleared to 0. Following a reset, all pins are input pins. To use a pin for address output,
its P1DDR bit must be set to 1. Figure 7.3 shows the pin functions in modes 5 and 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com