Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 156Page - Renesas Technology Corp H8/3022 Datasheet HTML 157Page - Renesas Technology Corp H8/3022 Datasheet HTML 158Page - Renesas Technology Corp H8/3022 Datasheet HTML 159Page - Renesas Technology Corp H8/3022 Datasheet HTML 160Page - Renesas Technology Corp H8/3022 Datasheet HTML 161Page - Renesas Technology Corp H8/3022 Datasheet HTML 162Page - Renesas Technology Corp H8/3022 Datasheet HTML 163Page - Renesas Technology Corp H8/3022 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 136 of 684
REJ09B0352-0200
Port 1
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
A (output)
7
6
5
4
3
2
1
0
When P1DDR = 1
P1 (input)
P1 (input)
P1 (input)
P1 (input)
P1 (input)
P1 (input)
P1 (input)
P1 (input)
7
6
5
4
3
2
1
0
When P1DDR = 0
Figure 7.3 Pin Functions in Modes 5 and 6 (Port 1)
Mode 7 (Single-Chip Mode): Input or output can be selected separately for each pin in port 1. A
pin becomes an output pin if the corresponding P1DDR bit is set to 1, and an input pin if this bit is
cleared to 0. Figure 7.4 shows the pin functions in mode 7.
Port 1
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
P1 (input/output)
7
6
5
4
3
2
1
0
Figure 7.4 Pin Functions in Mode 7 (Port 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com