Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 157Page - Renesas Technology Corp H8/3022 Datasheet HTML 158Page - Renesas Technology Corp H8/3022 Datasheet HTML 159Page - Renesas Technology Corp H8/3022 Datasheet HTML 160Page - Renesas Technology Corp H8/3022 Datasheet HTML 161Page - Renesas Technology Corp H8/3022 Datasheet HTML 162Page - Renesas Technology Corp H8/3022 Datasheet HTML 163Page - Renesas Technology Corp H8/3022 Datasheet HTML 164Page - Renesas Technology Corp H8/3022 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 137 of 684
REJ09B0352-0200
7.3
Port 2
7.3.1
Overview
Port 2 is an 8-bit input/output port with the pin configuration shown in figure 7.5. Pin functions
differ according to operation mode.
In modes 1 and 3 (expanded mode with on-chip ROM disabled), port 2 consists of address bus
output pins (A
15 to A8). In modes 5 and 6 (expanded mode with on-chip ROM enabled), settings in
the port 2 data direction register (P2DDR) can designate pins for address bus output (A
15 to A8) or
generic input. In mode 7 (single-chip mode), port 2 is a generic input/output port.
Port 2 has software-programmable built-in pull-up transistors. Pins in port 2 can drive one TTL
load and a 90-pF capacitive load. They can also drive a Darlington transistor pair.
Port 2
P2 /A
P2 /A
P2 /A
P2 /A
P2 /A
P2 /A
P2 /A
P2 /A
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
P2 (input/output)
7
6
5
4
3
2
1
0
A
(output)
A
(output)
A
(output)
A
(output)
A
(output)
A
(output)
A (output)
A (output)
15
14
13
12
11
10
9
8
Port 2 pins
Mode 7
Modes 1 and 3
P2 (input)/A
(output)
P2 (input)/A
(output)
P2 (input)/A
(output)
P2 (input)/A
(output)
P2 (input)/A
(output)
P2 (input)/A
(output)
P2 (input)/A
(output)
P2 (input)/A
(output)
7
6
5
4
3
2
1
0
Modes 5 and 6
15
14
13
12
11
10
9
8
Figure 7.5 Port 2 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com