Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3004 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # H8/3004
Description  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 75Page - Renesas Technology Corp H8/3004 Datasheet HTML 76Page - Renesas Technology Corp H8/3004 Datasheet HTML 77Page - Renesas Technology Corp H8/3004 Datasheet HTML 78Page - Renesas Technology Corp H8/3004 Datasheet HTML 79Page - Renesas Technology Corp H8/3004 Datasheet HTML 80Page - Renesas Technology Corp H8/3004 Datasheet HTML 81Page - Renesas Technology Corp H8/3004 Datasheet HTML 82Page - Renesas Technology Corp H8/3004 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 497 page
background image
4.2.3 Interrupts after Reset
If an interrupt is accepted after a reset but before the stack pointer (SP) is initialized, PC and CCR
will not be saved correctly, leading to a program crash. To prevent this, all interrupt requests,
including NMI, are disabled immediately after a reset. The first instruction of the program is
always executed immediately after the reset state ends. This instruction should initialize the stack
pointer (example: MOV.L #xx:32, SP).
4.3 Interrupts
Interrupt exception handling can be requested by nine external sources (NMI, IRQ0 to IRQ4) and
21 internal sources in the on-chip supporting modules. Figure 4-3 classifies the interrupt sources
and indicates the number of interrupts of each type.
The on-chip supporting modules that can request interrupts are the watchdog timer (WDT), 16-bit
integrated timer unit (ITU), serial communication interface (SCI), and A/D converter. Each
interrupt source has a separate vector address.
NMI is the highest-priority interrupt and is always accepted. Interrupts are controlled by the
interrupt controller. The interrupt controller can assign interrupts other than NMI to two priority
levels, and arbitrate between simultaneous interrupts. Interrupt priorities are assigned in interrupt
priority registers A and B (IPRA and IPRB) in the interrupt controller.
For details on interrupts see section 5, Interrupt Controller.
Figure 4-3 Interrupt Sources and Number of Interrupts
65
Interrupts
External interrupts
Internal interrupts
NMI (1)
IRQ to IRQ (5)
WDT* (1)
ITU (15)
SCI (4)
A/D converter (1)
Note: Numbers in parentheses are the number of interrupt sources.
* When the watchdog timer is used as an interval timer, it generates an interrupt
request at every counter overflow.
0
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com