Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3004 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # H8/3004
Description  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 21Page - Renesas Technology Corp H8/3004 Datasheet HTML 22Page - Renesas Technology Corp H8/3004 Datasheet HTML 23Page - Renesas Technology Corp H8/3004 Datasheet HTML 24Page - Renesas Technology Corp H8/3004 Datasheet HTML 25Page - Renesas Technology Corp H8/3004 Datasheet HTML 26Page - Renesas Technology Corp H8/3004 Datasheet HTML 27Page - Renesas Technology Corp H8/3004 Datasheet HTML 28Page - Renesas Technology Corp H8/3004 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 497 page
background image
Table 1-3 Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name and Function
Serial com-
TxD
9
Output Transmit data: SCI data output
munication
interface (SCI)
RxD
10
Input
Receive data: SCI data input
SCK
11
Input/
Serial clock: SCI clock input/output
output
A/D
AN7 to AN0 66 to 59
Input
Analog 7 to 0: Analog input pins
converter
ADTRG
8
Input
A/D trigger: External trigger input for starting
A/D conversion
AVCC
68
Input
Power supply pin for the A/D converter.
Connect to the system power supply (+5 V)
when not using the A/D converter.
AVSS
58
Input
Ground pin for the A/D converter. Connect to
system ground (0 V) when not using the A/D
converter.
VREF
67
Input
Reference voltage input pin for the A/D
converter. Connect to the system power supply
(+5 V) when not using the A/D converter.
I/O ports
P60
43
Input/
Port 6: One input/output pins. The direction
output
of each pin can be selected in the port 6 data
direction register (P6DDR).
P77 to P70 66 to 59
Input
Port 7: Eight input pins
P83 to P81 72 to 70
Input
Port 8: Three input pins. Do not designate
these pins as output pins in the port 8 data
direction register (P8DDR).
P80
69
Input/
Port 8: One input/output pin. The direction of
output
the pin can be selected in the port 80 data
direction register (P80DDR).
P94, P92,
11 to 9
Input/
Port 9: Three input/output pins. The direction
P90
output
of each pin can be selected in the port 9 data
direction register (P9DDR).
PA7 to PA0 80 to 73
Input/
Port A: Eight input/output pins. The direction of
output
each pin can be selected in the port A data
direction register (PADDR).
PB7 to PB0 8 to 1
Input/
Port B: Eight input/output pins. The direction of
output
each pin can be selected in the port B data
direction register (PBDDR).
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com