Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3004 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # H8/3004
Description  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 19Page - Renesas Technology Corp H8/3004 Datasheet HTML 20Page - Renesas Technology Corp H8/3004 Datasheet HTML 21Page - Renesas Technology Corp H8/3004 Datasheet HTML 22Page - Renesas Technology Corp H8/3004 Datasheet HTML 23Page - Renesas Technology Corp H8/3004 Datasheet HTML 24Page - Renesas Technology Corp H8/3004 Datasheet HTML 25Page - Renesas Technology Corp H8/3004 Datasheet HTML 26Page - Renesas Technology Corp H8/3004 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 497 page
background image
1.4 Pin Functions
Table 1-3 summarizes the pin functions.
Table 1-3 Pin Functions
Type
Symbol
Pin No.
I/O
Name and Function
Power
VCC
21, 53
Input
Power: For connection to the power supply
(+5 V). Connect all VCC pins to the +5-V system
power supply.
VSS
12, 30, 50
Input
Ground: For connection to ground (0 V).
Connect all VSS pins to the 0-V system power
supply.
Clock
XTAL
52
Input
For connection to a crystal resonator.
For examples of crystal resonator and external
clock input, see section 13, Clock Pulse
Generator.
EXTAL
51
Input
For connection to a crystal resonator or input of
an external clock signal. For examples of
crystal resonator and external clock input, see
section 13, Clock Pulse Generator.
ø
46
Output System clock: Supplies the system clock to
external devices
Operating
MD1,
44,
Input
Mode 1 and mode 0: For setting the operating
mode control
MD0
45
mode, as follows
MD1
MD0
Operating Mode
00—
0
1
Mode 1
10—
1
1
Mode 3
System control
RES
48
Input
Reset input: When driven low, this pin resets
the H8/3004 or H8/3005
RESO
57
Output Reset output: Outputs a reset signal to
external devices
STBY
47
Input
Standby: When driven low, this pin forces
a transition to hardware standby mode
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com