Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3004 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # H8/3004
Description  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 92Page - Renesas Technology Corp H8/3004 Datasheet HTML 93Page - Renesas Technology Corp H8/3004 Datasheet HTML 94Page - Renesas Technology Corp H8/3004 Datasheet HTML 95Page - Renesas Technology Corp H8/3004 Datasheet HTML 96Page - Renesas Technology Corp H8/3004 Datasheet HTML 97Page - Renesas Technology Corp H8/3004 Datasheet HTML 98Page - Renesas Technology Corp H8/3004 Datasheet HTML 99Page - Renesas Technology Corp H8/3004 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 497 page
background image
5.3 Interrupt Sources
The interrupt sources include external interrupts (NMI, IRQ0 to IRQ4) and 21 internal interrupts.
5.3.1 External Interrupts
There are six external interrupts: NMI, and IRQ0 to IRQ4. Of these, NMI, IRQ0, IRQ1, and IRQ2
can be used to exit software standby mode.
NMI: NMI is the highest-priority interrupt and is always accepted, regardless of the states of the
I and UI bits in CCR. The NMIEG bit in SYSCR selects whether an interrupt is requested by the
rising or falling edge of the input at the NMI pin. NMI interrupt exception handling has vector
number 7.
IRQ0 to IRQ4 Interrupts: These interrupts are requested by input signals at pins IRQ0 to IRQ4.
The IRQ0 to IRQ4 interrupts have the following features.
•
ISCR settings can select whether an interrupt is requested by the low level of the input at pins
IRQ0 to IRQ4, or by the falling edge.
•
IER settings can enable or disable the IRQ0 to IRQ4 interrupts. Interrupt priority levels can be
assigned by four bits in IPRA (IPRA7 to IPRA4).
•
The status of IRQ0 to IRQ4 interrupt requests is indicated in ISR. The ISR flags can be
cleared to 0 by software.
Figure 5-2 shows a block diagram of interrupts IRQ0 to IRQ4.
Figure 5-2 Block Diagram of Interrupts IRQ0 to IRQ4
input
Edge/level
sense circuit
IRQnSC
IRQnF
S
R
Q
IRQnE
IRQn interrupt
request
Clear signal
IRQn
Note: n = 4 to 0
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com