| Electronic Components Datasheet Search |
|
H8/3004 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3004 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 497 page ![]() Section 2 CPU 2.1 Overview The H8/300H CPU is a high-speed central processing unit with an internal 32-bit architecture that is upward-compatible with the H8/300 CPU. The H8/300H CPU has sixteen 16-bit general registers, can address a 16-Mbyte linear address space, and is ideal for realtime control. 2.1.1 Features The H8/300H CPU has the following features. • Upward compatibility with H8/300 CPU Can execute H8/300 series object programs without alteration • General-register architecture Sixteen 16-bit general registers (also usable as sixteen 8-bit registers or eight 32-bit registers) • Sixty-two basic instructions — 8/16/32-bit arithmetic and logic instructions — Multiply and divide instructions — Powerful bit-manipulation instructions • Eight addressing modes — Register direct [Rn] — Register indirect [@ERn] — Register indirect with displacement [@(d:16, ERn) or @(d:24, ERn)] — Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn] — Absolute address [@aa:8, @aa:16, or @aa:24] — Immediate [#xx:8, #xx:16, or #xx:32] — Program-counter relative [@(d:8, PC) or @(d:16, PC)] — Memory indirect [@@aa:8] • 16-Mbyte linear address space 13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |