Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 31Page - Renesas Technology Corp H8/3028 Datasheet HTML 32Page - Renesas Technology Corp H8/3028 Datasheet HTML 33Page - Renesas Technology Corp H8/3028 Datasheet HTML 34Page - Renesas Technology Corp H8/3028 Datasheet HTML 35Page - Renesas Technology Corp H8/3028 Datasheet HTML 36Page - Renesas Technology Corp H8/3028 Datasheet HTML 37Page - Renesas Technology Corp H8/3028 Datasheet HTML 38Page - Renesas Technology Corp H8/3028 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 923 page
background image
Rev. 2.00, 09/03, page 5 of 890
Feature
Description
Operating modes
• Seven MCU operating modes
Mode
Address Space
Address Pins
Initial Bus Width
Max. Bus Width
Mode 1
1 Mbyte
A19 to A0
8 bits
16 bits
Mode 2
1 Mbyte
A19 to A0
16 bits
16 bits
Mode 3
16 Mbytes
A23 to A0
8 bits
16 bits
Mode 4
16 Mbytes
A23 to A0
16 bits
16 bits
Mode 5
16 Mbytes
A23 to A0
8 bits
16 bits
Mode 6
64 kbyte
—
—
—
Mode 7
1 Mbyte
—
—
—
Note: On-chip ROM is disabled in modes 1 to 4.
Power-down
state
• Sleep mode
• Software standby mode
• Hardware standby mode
• Module standby function
• Programmable system clock frequency division
Other features
• On-chip clock pulse generator
Product lineup
Product Type
Product Code
Package
ROM
H8/3028
HD64F3028F
100-pin QFP
(FP-100B)
HD64F3028TE
100-pin TQFP
(TFP-100B)
Flash memory version
HD6433028F
100-pin QFP
(FP-100B)
HD6433028TE
100-pin TQFP
(TFP-100B)
Mask ROM version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com