Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 89Page - Renesas Technology Corp H8/3028 Datasheet HTML 90Page - Renesas Technology Corp H8/3028 Datasheet HTML 91Page - Renesas Technology Corp H8/3028 Datasheet HTML 92Page - Renesas Technology Corp H8/3028 Datasheet HTML 93Page - Renesas Technology Corp H8/3028 Datasheet HTML 94Page - Renesas Technology Corp H8/3028 Datasheet HTML 95Page - Renesas Technology Corp H8/3028 Datasheet HTML 96Page - Renesas Technology Corp H8/3028 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 923 page
background image
Rev. 2.00, 09/03, page 63 of 890
3.6
Memory Map in Each Operating Mode
Figure 3.1 to 3.2 show a memory maps of the H8/3028 Group. The address space is divided into
eight areas.
The EMC bit in BCR can be read and written to select either of the two memory maps. For details,
see section 6.2.5, Bus Control Register (BCR).
The initial bus mode differs between modes 1 and 2, and also between modes 3 and 4.
The address locations of the on-chip RAM and on-chip registers differ between the 64-kbyte mode
(mode 6), the 1-Mbyte modes (modes 1, 2, and 7), and the 16-Mbyte modes (modes 3, 4, and 5).
The address range specifiable by the CPU in the 8- and 16-bit absolute addressing modes (@aa:8
and @aa:16) also differs.
3.6.1
Note on Reserved Areas
The H8/3028 Group memory map includes reserved areas to which read/write access is prohibited.
Note that normal operation is not guaranteed if the following reserved areas are accessed.
The reserved area in the internal I/O register space.
The H8/3028 Group internal I/O register space includes a reserved area to which access is
prohibited. For details see Appendix B, Internal I/O Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com