Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 66Page - Renesas Technology Corp H8/3028 Datasheet HTML 67Page - Renesas Technology Corp H8/3028 Datasheet HTML 68Page - Renesas Technology Corp H8/3028 Datasheet HTML 69Page - Renesas Technology Corp H8/3028 Datasheet HTML 70Page - Renesas Technology Corp H8/3028 Datasheet HTML 71Page - Renesas Technology Corp H8/3028 Datasheet HTML 72Page - Renesas Technology Corp H8/3028 Datasheet HTML 73Page - Renesas Technology Corp H8/3028 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 923 page
background image
Rev. 2.00, 09/03, page 40 of 890
Execution of BCLR Instruction
BCLR #0, @P4DDR ;Clear bit 0 in data direction register
After Execution of BCLR Instruction
P47
P46
P45
P44
P43
P42
P41
P40
Input/output
Output
Output
Output
Output
Output
Output
Output
Input
DDR
1
111
111
0
Explanation: To execute the BCLR instruction, the CPU begins by reading P4DDR. Since
P4DDR is a write-only register, it is read as H'FF, even though its true value is H'3F.
Next the CPU clears bit 0 of the read data, changing the value to H'FE.
Finally, the CPU writes this value (H'FE) back to P4DDR to complete the BCLR instruction.
As a result, P40DDR is cleared to 0, making P40 an input pin. In addition, P47DDR and P46DDR
are set to 1, making P47 and P46 output pins.
The BCLR instruction can be used to clear flags in the on-chip registers to 0. In an interrupt-
handling routine, for example, if it is known that the flag is set to 1, it is not necessary to read the
flag ahead of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com