Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 10Page - Renesas Technology Corp H8/3028 Datasheet HTML 11Page - Renesas Technology Corp H8/3028 Datasheet HTML 12Page - Renesas Technology Corp H8/3028 Datasheet HTML 13Page - Renesas Technology Corp H8/3028 Datasheet HTML 14Page - Renesas Technology Corp H8/3028 Datasheet HTML 15Page - Renesas Technology Corp H8/3028 Datasheet HTML 16Page - Renesas Technology Corp H8/3028 Datasheet HTML 17Page - Renesas Technology Corp H8/3028 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 923 page
background image
Rev. 2.00, 09/03, page xiv of xxx
Item
Page
Revision (See Manual for Details)
21.1.4 A/D Conversion
Characteristics
Table 21.8 A/D
Conversion
Characteristics
658
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
Table amended
Permissible signal-
source impedance
φ ≤ 13 MHz
—
—
5
k
Ω
21.1.5 D/A Conversion
Characterisitcs
Table 21.9 D/A
Conversion
Characteristics
659
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VREF = 3.0 V to
AVCC, VSS = AVSS = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
660
Table and note amended
Operating temperature
Topr
Regular specifications:
–20 to +75*
2
°C
21.2.1 Absolute
Maximum Ratings
Table 21.10 Absolute
Maximum Ratings
Wide-range specifications:
–40 to +85*
2
°C
2. The operating temperature range when programming and erasing the
flash memory is: Ta = 0 to +75°C (regular specifications), Ta = 0 to
+85°C (wide-range specifications).
21.2.2 DC
Characteristics
Table 21.11 DC
Characteristics
661,
662
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC*
1 = 3.0 V to 3.6 V, VREF*1 = 3.0 V
to AVCC, VSS = AVSS*
1 = 0 V, Ta = –20°C to +75°C (regular
specifications), Ta = –40°C to +85°C (wide-range
specifications)
[Programming/erasing conditions: Ta = 0°C to +75°C (regular
specifications), Ta = 0°C to +85°C (wide-range
specifications)]
Table amended
FWE
Input
capacitance
NMI
All input pins
except NMI,
and FWE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com