Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 12Page - Renesas Technology Corp H8/3028 Datasheet HTML 13Page - Renesas Technology Corp H8/3028 Datasheet HTML 14Page - Renesas Technology Corp H8/3028 Datasheet HTML 15Page - Renesas Technology Corp H8/3028 Datasheet HTML 16Page - Renesas Technology Corp H8/3028 Datasheet HTML 17Page - Renesas Technology Corp H8/3028 Datasheet HTML 18Page - Renesas Technology Corp H8/3028 Datasheet HTML 19Page - Renesas Technology Corp H8/3028 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 923 page
background image
Rev. 2.00, 09/03, page xvi of xxx
Item
Page
Revision (See Manual for Details)
21.2.6 Flash Memory
Characteristics
Table 21.19 Flash
Memory Characteristics
672
Conditions amended
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V
Ta = 0 to +75°C (Programming/erasing operating
temperature range: regular specification)
Ta = 0 to +85°C (Programming/erasing operating
temperature range: wide-range specification)
21.3.7 SCI
Input/Output Timing
Figure 21.23 SCI Input
Clock Timing
687
Figure amended
SCK0 to SCK2
Figure 21.24 SCI
Input/Output Timing in
Synchronous Mode
SCK0 to SCK2
TxD0 to TxD2
RxD0 to RxD2
733
Table amended
B.2 Addresses
(EMC = 0)
Bit Names
Address
(Low)
Register
Name
Data Bus
Width
Bit 7
Bit 6
H'EE090
TCSR*
2
8OVF
WT/
IT
H'EE091
TCNT*
2
8
H'EE092
—
—
—
H'EE093
RSTCSR*
2
8WRST
RSTOE
751
Note amended
Notes: 1. These
registers are only used by the flash memory
version,
and are not provided in the mask ROM versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com