| Electronic Components Datasheet Search |
|
H8/3028 Datasheet(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028 Datasheet(HTML) 67 Page - Renesas Technology Corp |
|
67 / 923 page ![]() Rev. 2.00, 09/03, page 37 of 890 Table 2.9 System Control Instructions Instruction Size* Function TRAPA — Starts trap-instruction exception handling RTE — Returns from an exception-handling routine SLEEP — Causes a transition to the power-down state LDC B/W (EAs) → CCR Moves the source operand contents to the condition code register. The condition code register size is one byte, but in transfer from memory, data is read by word access. STC B/W CCR → (EAd) Transfers the CCR contents to a destination location. The condition code register size is one byte, but in transfer to memory, data is written by word access. ANDC B CCR ∧ #IMM → CCR Logically ANDs the condition code register with immediate data. ORC B CCR ∨ #IMM → CCR Logically ORs the condition code register with immediate data. XORC B CCR ⊕ #IMM → CCR Logically exclusive-ORs the condition code register with immediate data. NOP — PC + 2 → PC Only increments the program counter. Note: * Size refers to the operand size. B: Byte W: Word Table 2.10 Block Transfer Instruction Instruction Size Function EEPMOV.B — if R4L ≠ 0 then repeat @ER5+ → @ER6+, R4L – 1 → R4L until R4L = 0 else next; EEPMOV.W — if R4 ≠ 0 then repeat @ER5+ → @ER6+, R4 – 1 → R4 until R4 = 0 else next; Block transfer instruction. This instruction transfers the number of data bytes specified by R4L or R4, starting from the address indicated by ER5, to the location starting at the address indicated by ER6. At the end of the transfer, the next instruction is executed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |