Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 109Page - Renesas Technology Corp H8/3028 Datasheet HTML 110Page - Renesas Technology Corp H8/3028 Datasheet HTML 111Page - Renesas Technology Corp H8/3028 Datasheet HTML 112Page - Renesas Technology Corp H8/3028 Datasheet HTML 113Page - Renesas Technology Corp H8/3028 Datasheet HTML 114Page - Renesas Technology Corp H8/3028 Datasheet HTML 115Page - Renesas Technology Corp H8/3028 Datasheet HTML 116Page - Renesas Technology Corp H8/3028 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 923 page
background image
Rev. 2.00, 09/03, page 83 of 890
5.1.3
Pin Configuration
Table 5.1 lists the interrupt pins.
Table 5.1
Interrupt Pins
Name
Abbreviation I/O
Function
Nonmaskable interrupt
NMI
Input Nonmaskable interrupt*, rising edge or
falling edge selectable
External interrupt request 5 to 0
IRQ5 to IRQ0
Input Maskable interrupts, falling edge or level
sensing selectable
Note: * NMI input is sometimes disabled. For details see section 18.9, NMI Input Disabling
Conditions.
5.1.4
Register Configuration
Table 5.2 lists the registers of the interrupt controller.
Table 5.2
Interrupt Controller Registers
Address*
1
Name
Abbreviation
R/W
Initial Value
H'EE012
System control register
SYSCR
R/W
H'09
H'EE014
IRQ sense control register
ISCR
R/W
H'00
H'EE015
IRQ enable register
IER
R/W
H'00
H'EE016
IRQ status register
ISR
R/(W)*
2
H'00
H'EE018
Interrupt priority register A
IPRA
R/W
H'00
H'EE019
Interrupt priority register B
IPRB
R/W
H'00
Notes: 1. Lower 20 bits of the address in advanced mode.
2. Only 0 can be written, to clear flags.
5.2
Register Descriptions
5.2.1
System Control Register (SYSCR)
SYSCR is an 8-bit readable/writable register that controls software standby mode, selects the
action of the UI bit in CCR, selects the NMI edge, and enables or disables the on-chip RAM.
Only bits 3 and 2 are described here. For the other bits, see section 3.3, System Control Register
(SYSCR).
SYSCR is initialized to H'09 by a reset and in hardware standby mode. It is not initialized in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com