Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 118Page - Renesas Technology Corp H8/3028 Datasheet HTML 119Page - Renesas Technology Corp H8/3028 Datasheet HTML 120Page - Renesas Technology Corp H8/3028 Datasheet HTML 121Page - Renesas Technology Corp H8/3028 Datasheet HTML 122Page - Renesas Technology Corp H8/3028 Datasheet HTML 123Page - Renesas Technology Corp H8/3028 Datasheet HTML 124Page - Renesas Technology Corp H8/3028 Datasheet HTML 125Page - Renesas Technology Corp H8/3028 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 923 page
background image
Rev. 2.00, 09/03, page 92 of 890
5.2.5
IRQ Sense Control Register (ISCR)
ISCR is an 8-bit readable/writable register that selects level sensing or falling-edge sensing of the
inputs at pins
IRQ
5 to IRQ0.
Bit
Initial value
Read/Write
7
—
0
R/W
These bits select level sensing or falling-edge
sensing for IRQ to IRQ interrupts
6
—
0
R/W
5
IRQ5SC
0
R/W
4
IRQ4SC
0
R/W
3
IRQ3SC
0
R/W
2
IRQ2SC
0
R/W
1
IRQ1SC
0
R/W
0
IRQ0SC
0
R/W
50
IRQ to IRQ sense control
50
Reserved bits
ISCR is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 and 6—Reserved: These bits can be written and read, but they do not select level or
falling-edge sensing.
Bits 5 to 0—IRQ5 to IRQ0 Sense Control (IRQ5SC to IRQ0SC): These bits select whether
interrupts IRQ5 to IRQ0 are requested by level sensing of pins IRQ5 to IRQ0, or by falling-edge
sensing.
Bits 5 to 0
IRQ5SC to IRQ0SC Description
0
Interrupts are requested when
IRQ5 to IRQ0 inputs are low
(Initial value)
1
Interrupts are requested by falling-edge input at
IRQ5 to IRQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com