Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 153Page - Renesas Technology Corp H8/3002 Datasheet HTML 154Page - Renesas Technology Corp H8/3002 Datasheet HTML 155Page - Renesas Technology Corp H8/3002 Datasheet HTML 156Page - Renesas Technology Corp H8/3002 Datasheet HTML 157Page - Renesas Technology Corp H8/3002 Datasheet HTML 158Page - Renesas Technology Corp H8/3002 Datasheet HTML 159Page - Renesas Technology Corp H8/3002 Datasheet HTML 160Page - Renesas Technology Corp H8/3002 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 700 page
background image
7.2 Register Descriptions
7.2.1 Refresh Control Register (RFSHCR)
RFSHCR is an 8-bit readable/writable register that selects the operating mode of the refresh
controller.
RFSHCR is initialized to H'02 by a reset and in hardware standby mode.
Bit
Initial value
Read/Write
7
SRFMD
0
R/W
6
PSRAME
0
R/W
5
DRAME
0
R/W
4
CAS/WE
0
R/W
3
M9/M8
0
R/W
0
RCYCE
0
R/W
2
RFSHE
0
R/W
1
—
1
—
Self-refresh mode
Selects self-refresh mode
PSRAM enable and DRAM enable
These bits enable or disable connection of pseudo-static RAM and DRAM
Strobe mode select
Selects 2CAS or 2WE strobing of DRAM
Address multiplex mode select
Selects the number of column address bits
Refresh pin enable
Enables refresh signal output
from the refresh pin
Refresh cycle
enable
Enables or
disables
insertion of
refresh cycles
Reserved bit
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com