Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 154Page - Renesas Technology Corp H8/3002 Datasheet HTML 155Page - Renesas Technology Corp H8/3002 Datasheet HTML 156Page - Renesas Technology Corp H8/3002 Datasheet HTML 157Page - Renesas Technology Corp H8/3002 Datasheet HTML 158Page - Renesas Technology Corp H8/3002 Datasheet HTML 159Page - Renesas Technology Corp H8/3002 Datasheet HTML 160Page - Renesas Technology Corp H8/3002 Datasheet HTML 161Page - Renesas Technology Corp H8/3002 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 700 page
background image
Bit 7—Self-Refresh Mode (SRFMD): Specifies DRAM or pseudo-static RAM self-refresh
during software standby mode. When PSRAME = 1 and DRAME = 0, after the SRFMD bit is set
to 1, pseudo-static RAM can be self-refreshed when the H8/3002 enters software standby mode.
When PSRAME = 0 and DRAME = 1, after the SRFMD bit is set to 1, DRAM can be self-
refreshed when the H8/3002 enters software standby mode. In either case, the normal access state
resumes on exit from software standby mode.
Bit 7
SRFMD Description
0
DRAM or PSRAM self-refresh is disabled in software standby mode
(Initial value)
1
DRAM or PSRAM self-refresh is enabled in software standby mode
Bit 6—PSRAM Enable (PSRAME) and Bit 5—DRAM Enable (DRAME): These bits enable
or disable connection of pseudo-static RAM and DRAM to area 3 of the external address space.
When DRAM or pseudo-static RAM is connected, the bus cycle and refresh cycle of area 3
consist of three states, regardless of the setting in the access state control register (ASTCR). If
AST3 = 0 in ASTCR, wait states cannot be inserted.
When the PSRAME or DRAME bit is set to 1, bits 0, 2, 3, and 4 in RFSHCR and registers
RTMCSR, RTCNT, and RTCOR are write-disabled, except that the CMF flag in RTMCSR can be
cleared by writing 0.
Bit 6
Bit 5
PSRAME
DRAME
Description
0
0
Can be used as an interval timer
(Initial value)
(DRAM and PSRAM cannot be directly connected)
1
DRAM can be directly connected
1
0
PSRAM can be directly connected
1
Illegal setting
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com