| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 154 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 154 Page - Renesas Technology Corp |
|
154 / 700 page ![]() Section 7 Refresh Controller 7.1 Overview The H8/3002 has an on-chip refresh controller that enables direct connection of 16-bit-wide DRAM or pseudo-static RAM (PSRAM). DRAM or pseudo-static RAM can be directly connected to area 3 of the external address space. A maximum 128 kbytes can be connected in modes 1 and 2 (1-Mbyte modes). A maximum 2 Mbytes can be connected in modes 3 and 4 (16-Mbyte modes). Systems that do not need to refresh DRAM or pseudo-static RAM can use the refresh controller as an 8-bit interval timer. 7.1.1 Features The refresh controller can be used for one of three functions: DRAM refresh control, pseudo-static RAM refresh control, or interval timing. Features of the refresh controller are listed below. Features as a DRAM Refresh Controller • Enables direct connection of 16-bit-wide DRAM • Selection of 2 CAS or 2WE mode • Selection of 8-bit or 9-bit column address multiplexing for DRAM address input Examples: — 1-Mbit DRAM: 8-bit row address × 8-bit column address — 4-Mbit DRAM: 9-bit row address × 9-bit column address — 4-Mbit DRAM: 10-bit row address × 8-bit column address • CAS-before-RAS refresh control • Software-selectable refresh interval • Software-selectable self-refresh mode • Wait states can be inserted Features as a Pseudo-Static RAM Refresh Controller • RFSH signal output for refresh control • Software-selectable refresh interval • Software-selectable self-refresh mode • Wait states can be inserted 139 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |