Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 177Page - Renesas Technology Corp M38K09RFS Datasheet HTML 178Page - Renesas Technology Corp M38K09RFS Datasheet HTML 179Page - Renesas Technology Corp M38K09RFS Datasheet HTML 180Page - Renesas Technology Corp M38K09RFS Datasheet HTML 181Page - Renesas Technology Corp M38K09RFS Datasheet HTML 182Page - Renesas Technology Corp M38K09RFS Datasheet HTML 183Page - Renesas Technology Corp M38K09RFS Datasheet HTML 184Page - Renesas Technology Corp M38K09RFS Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 52 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.4.18 Control procedure of receiving side
Pass 2 ms?
RESET
Initialization
SIOCON (Address : 0FE016)
1111x11x2
TB/RB (Address : 2616)
Dummy data
• An interval of 2 ms generated by Timer
Y
N
• Judgment of completion of receiving
(Receive buffer full flag)
SIOSTS (Address : 2716), bit1?
1
0
Read out reception data from
TB/RB (Address : 2616)
• Reception of the first byte data
Receive buffer full flag is set to “0” by reading data.
• Judgment of completion of receiving
(Receive buffer full flag)
SIOSTS (Address : 2716), bit1?
1
0
Read out reception data from
TB/RB (Address : 2616)
• Reception of the second byte data.
Receive buffer full flag is set to “0” by reading data.
• SRDY output
SRDY
signal is output by writing data to the TB/RB.
Using the SRDY, set Transmit enable bit
(bit4) of the SIOCON to “1.”
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com