Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 180Page - Renesas Technology Corp M38K09RFS Datasheet HTML 181Page - Renesas Technology Corp M38K09RFS Datasheet HTML 182Page - Renesas Technology Corp M38K09RFS Datasheet HTML 183Page - Renesas Technology Corp M38K09RFS Datasheet HTML 184Page - Renesas Technology Corp M38K09RFS Datasheet HTML 185Page - Renesas Technology Corp M38K09RFS Datasheet HTML 186Page - Renesas Technology Corp M38K09RFS Datasheet HTML 187Page - Renesas Technology Corp M38K09RFS Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 55 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
When the registers are set as shown in Fig. 2.4.21, the Serial I/O can transmit 1-byte data by writing
data to the transmit buffer register.
Thus, after setting the CS signal to “L”, write the transmission data to the transmit buffer register by
each 1 byte, and return the CS signal to “H” when the target number of bytes has been transmitted.
Figure 2.4.23 shows a control procedure of Serial I/O.
Fig. 2.4.23 Control procedure of Serial I/O
P5 (Address : 0A16), bit3
← 0
0
N
Y
1
IREQ2 (Address : 3D16), bit3?
Complete to transmit data?
Initialization
SIOCON
(Address : 0FE016)
← 110110002
UARTCON (Address : 0FE116), bit4
← 0
BRG
(Address : 0FE216)
← 12–1
ICON2
(Address : 3F16), bit3
← 0
P5
(Address : 0A16), bit3
← 1
P5D
(Address : 0B16)
← xxxx1xxx2
IREQ2 (Address : 3D16), bit3
← 0
TB/RB (Address : 2616)
P5 (Address : 0A16), bit3
← 1
a transmission
data
•Return the CS signal output level to “H”
when transmission of the target number
of bytes is completed
•Serial I/O transmit interrupt : Disabled
•CS signal output port set
(“H” level output)
RESET
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
•Serial I/O set
•CS signal output level to “L” set
•Serial I/O transmit interrupt
request bit set to “0”
•
Transmission data write
(Start of transmit 1-byte data)
•Judgment of completion of transmitting
1-byte data
•Use any of RAM area as a counter for counting
the number of transmitted bytes
•Judgment of completion of transmitting the target
number of bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com